PART |
Description |
Maker |
CSC1730R CSC3199Y CN451 TIS86 MPSA43 MPSH32 |
150 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BSS52 |
1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
CENTRAL SEMICONDUCTOR CORP
|
2SC4485-R |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
KSD1021OJ18Z KSD1021OJ05Z |
1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
KSP6602 |
1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
MPS8050D75Z MPS8050D74Z |
1000 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC368STOB |
1000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN
|
Diodes, Inc.
|
2SB1331T105/PQ 2SB1306/P 2SB1306T103/QR 2SB1306/QR |
2 A, 32 V, PNP, Si, POWER TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR, TO-92L 2000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 700 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 100 mA, 400 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92L 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92L 700 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92LS
|
|
DSS4140V DSS4140V-7 |
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes Inc.
|
FMMT491 FMMT491TA |
Medium power NPN transistor in SOT23 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN
|
Diodes Incorporated Diodes, Inc.
|
BC639-16 BC637 |
High Current Transistor NPN Silicon(硅NPN大电流晶体管) 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
|